PART |
Description |
Maker |
ASM4SSTVF32852 ASM4SSTVF32852-114BT ASM4ISSTVF3285 |
DDR 24-Bit to 48-Bit Registered Buffer SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PBGA114 Specialty Clock Management 2.3 V -2.7 V, DDR 24-bit to 48-bit registered buffer
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation]
|
74AVCM162835 74AVCM162835DGG 74AVCM162835DGG-T |
AVC SERIES, 18-BIT DRIVER, TRUE OUTPUT, PDSO56 18-bit registered driver with 15 ohm termination resistors 3-State 18-bit registered driver with 15 W 18-bit registered driver with 15 Ohm termination resistors (3-State)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LVCH16543APAG8 |
IC LOGIC 16543 CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, TOLERANT I/O, AND BUS-HOLD 3.3V -40 85C TSSOP-56 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Integrated Device Technology, Inc.
|
SSTUB32866EC/G SSTUB32866EC/S |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
NXP Semiconductors
|
HD74ALVCH16269 |
12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
|
Renesas Electronics Corporation
|
HD74ALVCHR162269A |
12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
74ABT16646CMTD 74ABT16646CSSC 74ABT16646 74ABT1664 |
Dual 8-bit Bus Transceiver ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 16-Bit Transceivers and Registers with 3-STATE Outputs 16位收发器和寄存器3态输
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
GS8161Z32D-166 GS8161Z32D-166I GS8161Z32D-166T GS8 |
512K X 36 ZBT SRAM, 6 ns, PBGA165 Dual Voltage Clamp 8-SM8 -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-SOIC -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-TVSOP -40 to 85 35.7流水线和流量,通过同步唑的SRAM 24-Bit to 48-Bit Registered Buffer with SSTL_2 Inputs and Outputs 114-BGA MICROSTAR 0 to 70 35.7流水线和流量,通过同步唑的SRAM RECTIFIER SCHOTTKY SINGLE 1A 20V 30A-Ifsm 0.5Vf 0.5A-IR SMA 5K/REEL 35.7流水线和流量,通过同步唑的SRAM 512K X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100 18Mb Pipelined and Flow Through Synchronous NBT SRAM 35.7流水线和流量,通过同步唑的SRAM GIGABASE 350 CAT5E PATCH 4 FT, SNAGLESS, PURPLE 35.7流水线和流量,通过同步唑的SRAM 22-Bit Voltage Clamp 48-TVSOP -40 to 85 Dual Voltage Clamp 8-US8 -40 to 85 GIGABASE 350 CAT5E PATCH 25 FT, SNAGLESS, PURPLE 8192 x 18 Synchronous FIFO Memory 80-LQFP 0 to 70 1024 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 RECTIFIER SCHOTTKY SINGLE 1A 30V 25A-Ifsm 0.41Vf 1A-IR SMA 5K/REEL CAT5E PATCH CORD PURPLE 5FT Replaced by SN74TVC16222A : 22-Bit Voltage Clamp 48-TSSOP -40 to 85 2048 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 64-TSSOP 0 to 70 ENHANCED PATCH CORD PURPLE 3 FT 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70 14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TSSOP 0 to 70 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 96-LFBGA 0 to 70 Enhanced Product 26-Bit Registered Buffer With Sstl_2 Inputs And Lvcmos Outputs 96-LFBGA -40 to 85 10-Bit Voltage Clamp 24-TSSOP -40 to 85 4096 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 10-Bit Voltage Clamp 24-SSOP/QSOP -40 to 85 22-Bit Voltage Clamp 48-SSOP -40 to 85
|
http:// GSI Technology, Inc. Electronic Theatre Controls, Inc.
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PI74LCX16543A PI74LCX16543 PI74LCX16543V |
Fast CMOS 16-Bit Latched Transceivers LVC/LCX/Z SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Pericom Semiconductor Corporation
|
IDT74FCT162511CTPA IDT74FCT162511CTPAB IDT74FCT162 |
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY FCT SERIES, 16-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 CAP 10UF 10V 20% TANT SMD-3528-12 TR-7-PL SN/PB5% LOWESR-3500 快速CMOS 16位注锁存奇偶收发 CAP 6.8UF 16V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-800
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|